spec no: dsae6956 rev no: v.2 date: mar/16/2005 page: 1 of 6 approved: j. lu checked: allen liu drawn: b.h.li package dimension s description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. the blue source color devices are made with ingan on sic light emitting diode. static electricity and surge damage the leds. it is recommended to use a wrist band or anti - electrostatic glove when handling the leds. all devices, equipment and machinery must be electrically kpf - 3236srsgpbc - prv super bright red super bright green blue attention observe precautions for handling electrostatic discharge sensitive device s preliminary spe c 3.2mmx3.6mm full - color surface mount led lamp features low power consumption. 3.2mmx3.6mm smt led, 1.1mm thickness. one red, one green and one blue chips in one package. can produce any color in visible spectrum, including white light. package : 1000pcs / reel. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.008") unless otherwise noted. 3. specifications are subjected to change without notice.
spec no: dsae6956 rev no: v.2 date: mar/16/2005 page: 2 of 6 approved: j. lu checked: allen liu drawn: b.h.li selection guid e note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. symbol parameter device typ. max. test conditions units peak peak wavelength super bright red super bright green blue 660 565 468 nm i f =20ma d dominant wavelength super bright red super bright green blue 640 568 470 nm i f =20ma ? 1/2 spectral line half - width super bright red super bright green blue 20 30 25 nm i f =20ma c capacitance super bright red super bright green blue 45 15 65 pf v f =0v;f=1mhz v f forward voltage super bright red super bright green blue 1.85 2.2 3.65 2.5 2.5 4.2 v i f =20ma i r reverse current all 10 ua v r = 5v parameter super bright green blue units power dissipation 105 102 mw dc forward current 25 30 ma peak forward current [1] 140 160 ma reverse voltage 5 5 v operating / storage temperature - 40c to +85c super bright red 100 30 155 5 part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 ? 1/2 kpf - 3236srsgpbc - prv super bright green (gap) water clear 2.6 12 blue (ingan) 18 60 120 super bright red (gaaias) 36 70
spec no: dsae6956 rev no: v.2 date: mar/16/2005 page: 3 of 6 approved: j. lu checked: allen liu drawn: b.h.li kpf - 3236srsgpbc - prv super bright red
spec no: dsae6956 rev no: v.2 date: mar/16/2005 page: 4 of 6 approved: j. lu checked: allen liu drawn: b.h.li super bright green
spec no: dsae6956 rev no: v.2 date: mar/16/2005 page: 5 of 6 approved: j. lu checked: allen liu drawn: b.h.li blue
spec no: dsae6956 rev no: v.2 date: mar/16/2005 page: 6 of 6 approved: j. lu checked: allen liu drawn: b.h.li recommended soldering pattern (units : mm) tape specifications (units : mm) kpf - 3236srsgpbc - prv smt reflow soldering instruction s number of reflow process shall be 2 times or less and cooling process to normal temperature is required between first and second soldering process. remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.
|